PART |
Description |
Maker |
SMJ27C512 |
All inputs/outputs fully TTL compatible
|
Micross Components
|
ACS706ELC-20A ACS704ELC-00506 |
Fully Integrated, Hall Effect-Based Linear Current Sensor with Voltage Isolation and a Low-Resistance Current Conductor
|
Allegro MicroSystems, Inc.
|
KMZ10 KMZ10A |
Speaker; Current Rating:14A; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No Magnetic field sensor
|
PHILIPS[Philips Semiconductors] NXP Semiconductors
|
ACS704ELC-015 |
Fully Integrated, Hall Effect-Based Linear Current Sensor with Voltage Isolation and a Low-Resistance Current Conductor 全集成,霍尔效应为基础的电压绝缘及低电阻电流导体线性电流传感器
|
Allegro MicroSystems, Inc.
|
SSTVN16857MTD SSTV16857 SSTV16857MTD SSTVN16857 |
Voltage Regulator IC; Output Current:300mA; Output Voltage:5V; Package/Case:8-MSOP; Supply Voltage Max:6V; Current Rating:300mA; Leaded Process Compatible:No; Output Current Max:300mA; Output Voltage Max:5V 14-Bit Register with SSTL-2 Compatible I/O and Reset
|
Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
AD394 AD394JM AD394SM AD394KM AD394TM AD395 AD395J |
& 2kVDC Isolation; UL94V-0 Package Material; Optional Continuous Short Circuit Protected; Fully Encapsulated; Custom Solutions Available; Efficiency ECONOLINE: RO & RE - Industry Standard Pinout- 1kVDC & 2kVDC Isolation- UL94V-0 Package Material- Toroidal Magnetics- Fully Encapsulated- Custom uP Compatible Multiplying Quad 12-Bit D/A Converter
|
Analog Devices, Inc. AD[Analog Devices]
|
Z402L Z403L Z404 Z403LR |
FUSE CLIP, FOR 3AG FUSES W/O STOP, PCB MNT., TIN PLATED Fuse Holder; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes TRANSFORMER VARIABLE OPEN 3A Fuse Holder; Mounting Type:PC Board; Body Material:Thermoplastic; Contact Material:Copper Alloy; Current Rating:15A; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes; Voltage Rating:32V Fuse Holder; Fuse Size/Group:Mini; Mounting Type:In-Line; Body Material:Thermoplastic; Contact Material:Copper Alloy; Contact Plating:Tin; Current Rating:30A; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No
|
保险丝支架,夹子&硬件
|
2205-H-RC 2202-V-RC 2218-H-RC 2215-V-RC 2208-H-RC |
Toroidal Inductor; Series:2200; Inductance:22uH; Inductance Tolerance: /- 15 %; Terminal Type:Radial Leaded; Current Rating:10.3A; DC Resistance Max:0.010ohm; Leaded Process Compatible:Yes 1 ELEMENT, 22 uH, GENERAL PURPOSE INDUCTOR Toroidal Inductor; Series:2200; Inductance:12uH; Inductance Tolerance: /- 15 %; Terminal Type:Radial Leaded; Current Rating:12A; DC Resistance Max:0.008ohm; Leaded Process Compatible:Yes 1 ELEMENT, 12 uH, GENERAL PURPOSE INDUCTOR Toroidal Inductor; Series:2200; Inductance:330uH; Inductance Tolerance: /- 15 %; Terminal Type:Radial Leaded; Current Rating:3.3A; DC Resistance Max:0.10ohm; Leaded Process Compatible:Yes 1 ELEMENT, 330 uH, GENERAL PURPOSE INDUCTOR Toroidal Inductor; Series:2200; Inductance:180uH; Inductance Tolerance: /- 15 %; Terminal Type:Radial Leaded; Current Rating:3.8A; DC Resistance Max:0.075ohm; Leaded Process Compatible:Yes 1 ELEMENT, 180 uH, GENERAL PURPOSE INDUCTOR Toroidal Inductor; Series:2200; Inductance:39uH; Inductance Tolerance: /- 15 %; Terminal Type:Radial Leaded; Current Rating:7.1A; DC Resistance Max:0.022ohm; Leaded Process Compatible:Yes 1 ELEMENT, 39 uH, GENERAL PURPOSE INDUCTOR High Current Toroid Inductors Horizontal or vertical mount Low cost Toroidal Inductor; Series:2200; Inductance:68uH; Inductance Tolerance: /- 15 %; Terminal Type:Radial Leaded; Current Rating:4.9A; DC Resistance Max:0.046ohm; Leaded Process Compatible:Yes Toroidal Inductor; Series:2200; Inductance:560uH; Inductance Tolerance: /- 15 %; Terminal Type:Radial Leaded; Current Rating:2.2A; DC Resistance Max:0.21ohm; Leaded Process Compatible:Yes
|
Bourns, Inc. Bourns Electronic Solutions BOURNS INC Rohm Bourns Electronic Solut...
|
ST6391B1 |
MOSFET; Transistor Polarity:Dual N Channel; Continuous Drain Current, Id:2.6A; On-Resistance, Rds(on):0.18ohm; Package/Case:8-SOIC; Leaded Process Compatible:No; Mounting Type:surface mount; Peak Reflow Compatible (260 C):No 8位微控制器HCMOS电视频率合成带OSD
|
STMicroelectronics N.V.
|
AP1623SLA AP1623 AP1623S AP1623SA AP1623SL |
Diodes, Zener; Zener Voltage Typ, Vz:12V; Vz Test Current, Izt:20mA; Power Dissipation, Pd:500mW; Package/Case:41-MiniDIP; Leaded Process Compatible:Yes; Mounting Type:Surface Mount; Peak Reflow Compatible (260 C):Yes JFET; Transistor Polarity:Dual N Channel; Breakdown Voltage, V(br)gss:-40V; Zero Gate Voltage Drain Current Min, Idss:0.5mA; Zero Gate Voltage Drain Current Max, Idss:10mA; Gate-Source Cutoff Voltage Max, Vgs(off):-2.5V PWM Control Step-Down Switching Regulator-Converter
|
ETC ANACHIP[Anachip Corp]
|
ACS712 |
Fully Integrated / Hall Effect-Based Linear Current Sensor
|
Allegro MicroSystems
|